PART |
Description |
Maker |
FDS5351 |
60V N-Channel PowerTrench MOSFET; Package: SO-8; No of Pins: 8; Container: Tape & Reel 6.1 A, 60 V, 0.035 ohm, N-CHANNEL, Si, POWER, MOSFET N-Channel PowerTrench㈢ MOSFET 60V, 6.1A, 35mヘ N-Channel PowerTrench? MOSFET 60V, 6.1A, 35mΩ
|
Fairchild Semiconductor, Corp.
|
STS4DNF60L 6121 STS4DNF60 |
N-Channel 60V-0.045Ω-4A SO-8 STripFET Power MOSFET(N沟道功率MOSFET) N沟道60V的,0.045Ω- 4A条的SO - 8 STripFET功率MOSFET(不适用沟道功率MOSFET的) N - CHANNEL 60V - 0.045 - 4A SO-8 STripFET TM POWER MOSFET N-CHANNEL POWER MOSFET From old datasheet system N - CHANNEL 60V - 0.045ohm - 4A SO-8 STripFET POWER MOSFET
|
STMicroelectronics N.V. ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
FDP13AN06A FDP13AN06A0 FDB13AN06A0 FDB13AN06A0NL |
N-Channel PowerTrench MOSFET 60V, 62A, 13.5mohm N-Channel PowerTrench MOSFET 60V/ 62A/ 13.5m N-Channel PowerTrench MOSFET, 60V, 62A, 0.0135 Ohms 62 A, 60 V, 0.0135 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB N-Channel PowerTrench MOSFET 60V, 62A, 13.5mз 62 A, 60 V, 0.0135 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
FQD20N06LE FQU20N06LE FQD20N06LETM |
60V N-Channel Logic level QFET (Built in ESD Protection Diode) 60V LOGIC N-Channel MOSFET 17.2 A, 60 V, 0.075 ohm, N-CHANNEL, Si, POWER, MOSFET
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
FDD14AN06LA0 |
N-Channel PowerTrench MOSFET 60V, 50A, 14.6mohm N-Channel Power Trench #174 MOSFET, 60V, 50A, 14mOhms
|
http:// FAIRCHILD[Fairchild Semiconductor]
|
FS5VSJ06 FS30UMJ06 |
TRANSISTOR | MOSFET | N-CHANNEL | 60V V(BR)DSS | 5A I(D) | TO-263AB TRANSISTOR | MOSFET | N-CHANNEL | 60V V(BR)DSS | 30A I(D) | TO-220AB 晶体管| MOSFET的| N沟道| 60V的五(巴西)直| 30A条(丁)| TO - 220AB现有
|
Powerex, Inc.
|
IRFM044 |
60V Single N-Channel Hi-Rel MOSFET in a TO-254AA package 60V, N-CHANNEL
|
International Rectifier
|
IRFIZ48G IRFIZ48 IRFIZ48GPBF |
Power MOSFET(Vdss=60V/ Rds(on)=12mohm/ Id=39A) Power MOSFET(Vdss=60V, Rds(on)=0.018ohm, Id=37A) 功率MOSFET(减振钢板基本\u003d 60V的,的Rdson)\u003d 0.018ohm,身份证\u003d 37A条) Power MOSFET(Vdss=60V Rds(on)=0.018ohm Id=37A) 60V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package
|
International Rectifier, Corp. IRF[International Rectifier]
|
STB45NF06 |
N-CHANNEL 60V - 0.022ohm - 38A D2PAK STripFETPOWER MOSFET N沟道60V 0.022ohm - 38A条采用D2PAK STripFET⑩功率MOSFET N-CHANNEL 60V - 0.022ohm - 38A D2PAK STripFET⑩ POWER MOSFET N-CHANNEL 60V - 0.022ohm - 38A D2PAK STripFET POWER MOSFET N-CHANNEL 60V 0.022OHM 38A D2PAK STRIPFET POWER MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
FDD107AN06LA0 |
N-Channel PowerTrench MOSFET 60V, 10A, 107m From old datasheet system 60V N-Channel PowerTrench MOSFET
|
Fairchild Semiconductor Corporation
|
STB60NF06 STP9NC60FP STB60NF06T4 |
N-CHANNEL 60V 0.014 OHM 60A D2PAK STRIPFET POWER MOSFET N-CHANNEL 60V 0.014 OHM 60A D2PAK STRIPFET POWER MOSFET N-CHANNEL 60V - 0.014ohm - 60A D2PAK STripFET?/a> POWER MOSFET N-CHANNEL 60V - 0.014ohm - 60A D2PAK STripFET POWER MOSFET N-CHANNEL 60V - 0.014W - 60A D2PAK
STripFET™ POWER MOSFET N-CHANNEL 60V - 0.014ohm - 60A D2PAK STripFET⑩ POWER MOSFET N-CHANNEL Power MOSFET
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|